Part Number Hot Search : 
063EB RT9618 0602471M MC2836 P1BAU BT100A MMBZ5238 250YF
Product Description
Full Text Search
 

To Download CPC1117N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4-Pin SOP OptoMOS(R) Relay
CPC1117N
Parameter Blocking Voltage Load Current Max On-resistance LED Current to operate
Rating 60 150 16 1
Units VP mA
Description
The CPC1117N is a miniature 1-Form-B solid state relay in a 4-Pin SOP package that employs optically coupled MOSFET technology to provide 1500Vrms of input to output isolation. The efficient MOSFET switches and photovoltaic die use Clare's patented OptoMOS(R) architecture. The optically coupled output is controlled by the input's highly efficient GaAlAs infrared LED using Clare's state of the art double molded vertical construction packaging to produce the world's smallest relay. The CPC1117N offers board space savings of at least 20% over the competitor's larger 4-Pin SOP relay. It boasts the industries' lowest input current to operate in its class.
mA
Features
* Designed for use in security systems complying with EN50130-4 * Only 1mA of LED current required to operate * Small 4-Pin SOP Package * TTL/CMOS Compatible input * No Moving Parts * High Reliability * Arc-Free With No Snubbing Circuits * 1500Vrms Input/Output Isolation * No EMI/RFI Generation * Immune to radiated EM fields * SMD Pick & Place, Wave Solderable * Tape & Reel Version Available
Approvals
IN
Part # CPC1117N
Ordering Information
Description 4-Pin SOP (100/tube) 4-Pin SOP (2000/reel)
PR
* Security * Passive Infrared Detectors (PIR) * Data Signalling * Sensor Circuitry * Instrumentation * Multiplexers * Data Acquisition * Electronic Switching * I/O Subsystems * Meters (Watt-Hour, Water, Gas) * Medical Equipment--Patient/Equipment Isolation * Aerospace * Industrial Controls
IM
Applications
Pin Configuration
+ Control
EL
A
CPC1117NTR
* UL Recognized Component * Certified to EN60950
Switching Characteristics of NormallySwitching Characteristics ofDevices Closed (Form B)
Normally Closed (Form B) Devices
10ms CONTROL
RY
1 4
- Control
Load
2
3
Load
+90% +10% TOFF
+
90% TON
2002/95/EC
RoHS
e3
www.clare.com 1
DS-CPC1117N-R0B
CPC1117N
Absolute Maximum Ratings
Parameter Blocking Voltage Reverse Input Voltage Input control Current Peak (10ms) Input Power Disipation Total Power Dissipation 1 Isolation voltage Input to Output Operational Temperature Storage Temperature
1
Ratings 60 5 50 1 70 400 1500 -40 to +85 -40 to +125
Units VP V mA A mW mW Vrms C
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not implied.
Derate Linearly 3.33 mw / C
Electrical absolute maximum ratings are at 25C
Electrical Characteristics
Parameter Output Characteristics @ 25C Load Current (Continuous) 1 Peak Load Current On-Resistance 2 Off-State Leakage Current Switching Speeds Turn-On Turn-Off Output Capacitance Input Characteristics @ 25C Input Control Current3 Input Dropout Current Input Voltage Drop Conditions IF=0mA 10ms
Symbol IL
A
Min 1 0.3 0.9 ILPK RON TON TOFF COUT IF IF VF IR ILEAK
RY
Typ 25 0.9 1.2 1 Max 150 350 16 1 1 2 1.4 10 Units mA mA A ms ms pF mA mA V A pF
C
IL=120mA
Capacitance Input to Output
1 2 3
PR
Reverse Input Current Common Characteristics @ 25C
Load current derates linearly from 100mA @ 25oC to 70mA @85oC. Measurement taken within 1 second of on time. For applications requiring high temperature operation (greater than 60oC) an LED drive current of 10mA is recommended.
2
EL
-
IM
IF=2mA, VL=10V IF=2mA, VL=10V 50V; f=1MHz IL=120mA IF=5mA VR=5V
VL=60V, IF=2mA
www.clare.com
IN
R0B
Manufacturing Information
Soldering Recommended soldering processes are limited to 260C component body temperature for 10 seconds.
2002/95/EC
Washing Clare does not recommend ultrasonic cleaning or the use of chlorinated solvents.
RoHS
e3
Mechanical Dimensions
0.38 TYP. (0.015 TYP.) 6.096 0.102 (0.240 0.004)
4-Pin SOIC Narrow ("N" Suffix)
3.81 0.08 (0.150 0.003) 4.09 0.20 (0.161 0.008)
0.38 x 45 (0.015 x 45) 1.020 0.025 (0.040 0.001) 0.432 0.127 (0.017 0.005) 0.200 0.025 (0.008 0.001) 2.18 MAX. (0.086)
A
P = 8.00 (0.315)
IN
A0 = 6.50 (0.256) A A
2.54 TYP. (0.100 TYP.)
Tape and Reel Packaging for 4-pin SOP package
330.2 DiA (13.00" DiA)
EL
IM
K1 = 2.30 (0.091) W = 12.00 MAX (0.472 MAX) K0 = 2.7 (0.106) SECTION A-A
Top Cover Tape Thickness 0.102 MAX (0.004 MAX)
B0 = 4.70 (0.185)
PR
NOTE: Tape dimensions not shown, comply with JEDEC Standard EIA-481-2
Embossed Carrier
RY
PC Board Pattern (Top View)
1.448 (0.057) 0.889 (0.035)
2.54 0.127 (0.100 0.005)
5.66 0.14 (0.223 0.005)
Embossment
Dimensions: mm (inches)
For additional information please visit our website at: www.clare.com
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare's Standard Terms and Conditions of Sale, Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right. The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or where malfunction of Clare's product may result in direct physical harm, injury, or death to a person or severe property or environmental damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-CPC1117N-R0B (c)Copyright 2006, Clare, Inc. OptoMOS(R) is a registered trademark of Clare, Inc. All rights reserved. Printed in USA. 1/4/06
3


▲Up To Search▲   

 
Price & Availability of CPC1117N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X